| Moteur de recherche de fiches techniques de composants électroniques |
|
ABF201 Fiches technique(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
ABF201 Fiches technique(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd |
|
3 / 3 page ![]() Transistors www.kexin.com.cn 3 Diodes SMD Type Bridge Rectifier ABF201 ~ ABF210 Package Outline Dimensions The Recommended Mounting Pad Size 4.0 157 6.2 244 1.0 39 2.0 79 mm (mil) Unit Plastic surface mounted package; 4 leads UNIT mm 1.2 0.22 5.2 4.5 6.4 1.0 0.15 4.9 4.2 6.0 7 ° max min mil max min 47 39 8.7 5.9 205 193 177 166 252 236 AC D E HE d 0.7 0.5 28 20 e 4.2 3.8 165 150 L L1 a 0.95 0.6 37 24 0.2 8 ALL R O U N D HE L a L1 E d ALL R O U N D ABF mechanical data ABF |