Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPF144 Fiches technique(PDF) 10 Page - 3PEAK INC.

No de pièce TPF144
Description  4-channel Video Amplifier with 1-CVBS and 3-1080p Full-HD Filters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3PEAK [3PEAK INC.]
Site Internet  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF144 Fiches technique(HTML) 10 Page - 3PEAK INC.

Back Button TPF144 Datasheet HTML 5Page - 3PEAK INC. TPF144 Datasheet HTML 6Page - 3PEAK INC. TPF144 Datasheet HTML 7Page - 3PEAK INC. TPF144 Datasheet HTML 8Page - 3PEAK INC. TPF144 Datasheet HTML 9Page - 3PEAK INC. TPF144 Datasheet HTML 10Page - 3PEAK INC. TPF144 Datasheet HTML 11Page - 3PEAK INC. TPF144 Datasheet HTML 12Page - 3PEAK INC. TPF144 Datasheet HTML 13Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TPF144
4-channel Video Amplifier with 1-CVBS and 3-1080p Full-HD Filters
REV 1.0
©2011 3PEAK INCORPORATED
~ 10 ~
www.3peakic.com
VIDEO FILTER DRIVER SELECTION GUIDE
P/N
Product Description
Channel
-3dB Bandwidth
Package
TPF110
/TPF110L
Low power, enable function and
SAG correction, 1 channel 6
th order
9MHz
1-SD
9MHz
SC70-5
SOT23-6
TPF113
Low power 3 channel, 6th-order
9MHz SD video filter
3-SD
9MHz
SO-8
TPF114
Low power 4 channel, 6th-order
9MHz SD video filter
4-SD
9MHz
MSOP-10
TSSOP-14
TPF116
Low power 4 channel, 6th-order
9MHz SD video filter for CVBS,
SVIDEO
6-SD
9MHz
TSSOP-14
TPF123
3 channel 6th-order 13.5MHz,
960H/720H-CVBS video filter or
Y’Pb’Pr 480P/576P video filter
3-ED
13.5MHz
SO-8
TPF133
Low power 3 channel, 6th-order
36MHz HD video filter
3-HD
36MHz
SO-8
TPF134
Low power 3 channel, 6th-order
36MHz HD video filter and 1 channel
SD video filter
1-SD&
3-SD
9MHz
36MHz
MSOP-10
TSSOP-14
TPF136
Low power 3 channel, 6th-order
36MHz HD video filter and 3 channel
SD video filter
3-SD&
3-HD
9MHz
36MHz
TSSOP-20
TPF143
Low power 3 channel, 6th-order
72MHz Full HD video filter
3-FHD
72MHz
SO-8
TPF144
Low power 3 channel, 6th-order
72MHz Full HD video filter and 1
channel SD video filter
1-SD&
3-FHD
9MHz
72MHz
MSOP-10
TSSOP-14
TPF146
Low power 3 channel, 6th-order
72MHz Full HD video filter and3
channel SD video filter
3-SD&
3-FHD
9MHz
72MHz
TSSOP-20
TPF153
Low power 3 channel, 6th-order
220MHz Full HD video filter
3-CH
220MHz
SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com