Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPF143 Fiches technique(PDF) 4 Page - 3PEAK INC.

No de pièce TPF143
Description  Low Power, 3-channel High-Definition Video Filter Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3PEAK [3PEAK INC.]
Site Internet  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF143 Fiches technique(HTML) 4 Page - 3PEAK INC.

  TPF143 Datasheet HTML 1Page - 3PEAK INC. TPF143 Datasheet HTML 2Page - 3PEAK INC. TPF143 Datasheet HTML 3Page - 3PEAK INC. TPF143 Datasheet HTML 4Page - 3PEAK INC. TPF143 Datasheet HTML 5Page - 3PEAK INC. TPF143 Datasheet HTML 6Page - 3PEAK INC. TPF143 Datasheet HTML 7Page - 3PEAK INC. TPF143 Datasheet HTML 8Page - 3PEAK INC. TPF143 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPF143
Low Power, 3-channel High-Definition Video Filter Driver
REV 2.2
©2011 3PEAK INCORPORATED
~ 4 ~
www.3peakic.com
Typical Performance Characteristics All test condition is VDD = 3.3V, TA = +25°C, RL =
150Ω to GND, unless otherwise noted.
Figure3. Small-Scale Frequency Response
Figure4. Large-Scale Frequency Response
Figure5. Gain Vs. Frequency With CLOAD
Figure6. Gain Vs. Frequency
Figure7. Group Delay vs Frequency
Figure8. Stop Band Attenuation
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
-0.1dB@50MHz
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
-3dB@72MHz
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=5pF
CL=20p
CL=15pF
-600
-500
-400
-300
-200
-100
0
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
1M
10M
100M
1G
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
-60
-50
-40
-30
-20
-10
0
10
1M
10M
100M
1G
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
148MHz, -39dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com