Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPCE2P064B Fiches technique(PDF) 21 Page - Generalplus Technology Inc.

No de pièce GPCE2P064B
Description  16-bit Sound Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2P064B Fiches technique(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPCE2P064B Datasheet HTML 17Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 18Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 19Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 20Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 21Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 22Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 23Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 24Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 25Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
GPCE2P064B
© Generalplus Technology Inc.
Proprietary & Confidential
21
Apr. 07, 2015
Version: 1.2
9 PACKAGE/PAD LOCATIONS
9.1 Ordering Information
Product Number
Package Type
GPCE2P064B-NnnV-C
Chip form
GPCE2P064B-NnnV-QL02x
Halogen Free Package
– LQFP64
GPCE2P064B-NnnV-HS10x
Halogen Free Package
– SOP24
Note1: Code number is assigned for customer.
Note2: Code number (N = A - Z or 0 - 9, nn = 00 - 99); version (V = A - Z).
Note3: Package form number (x = 1 - 9, serial number).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25