Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPF8F Fiches technique(PDF) 12 Page - Generalplus Technology Inc.

No de pièce GPF8F
Description  16-bit Sound Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF8F Fiches technique(HTML) 12 Page - Generalplus Technology Inc.

Back Button GPF8F Datasheet HTML 8Page - Generalplus Technology Inc. GPF8F Datasheet HTML 9Page - Generalplus Technology Inc. GPF8F Datasheet HTML 10Page - Generalplus Technology Inc. GPF8F Datasheet HTML 11Page - Generalplus Technology Inc. GPF8F Datasheet HTML 12Page - Generalplus Technology Inc. GPF8F Datasheet HTML 13Page - Generalplus Technology Inc. GPF8F Datasheet HTML 14Page - Generalplus Technology Inc. GPF8F Datasheet HTML 15Page - Generalplus Technology Inc. GPF8F Datasheet HTML 16Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
GPF8F Series
© Generalplus Technology Inc.
Proprietary & Confidential
12
Aug. 03, 2018
Version: 1.1
D7
D6
D4
D5
D2
D3
D0
D1
D7
D6
D5
D3
D4
D2
D0
D1
SPICK(POL=0)
SPICK(POL=1)
SDO
SDI
SPICS
PHASE = 1
7.16 Audio Output
Two sets of 14-bit software channels with noise filter are supported.
There is one 14-bit DAC with push-pull amplifier for direct audio
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24