Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP304ES Fiches technique(PDF) 12 Page - Sipex Corporation

No de pièce SP304ES
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP304ES Fiches technique(HTML) 12 Page - Sipex Corporation

Back Button SP304ES Datasheet HTML 4Page - Sipex Corporation SP304ES Datasheet HTML 5Page - Sipex Corporation SP304ES Datasheet HTML 6Page - Sipex Corporation SP304ES Datasheet HTML 7Page - Sipex Corporation SP304ES Datasheet HTML 8Page - Sipex Corporation SP304ES Datasheet HTML 9Page - Sipex Corporation SP304ES Datasheet HTML 10Page - Sipex Corporation SP304ES Datasheet HTML 11Page - Sipex Corporation SP304ES Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
88
ORDERING INFORMATION
Max # of Duplex Channels
Model
RS-232
RS-422
Temperature
Package
SP304CS .................. 4 ...................... 2 .................................... 0˚C to 70˚C ........................ 24-pin Single-Width Plastic DIP
SP304CT .................. 4 ...................... 2 .................................... 0˚C to 70˚C ....................................................... 28-pin SOIC
SP304ES .................. 4 ...................... 2 .................................. -40˚C to 85˚C ....................... 24-pin Single-Width Plastic DIP
SP304ET .................. 4 ...................... 2 .................................. -40˚C to 85˚C ...................................................... 28-pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12