| Moteur de recherche de fiches techniques de composants électroniques |
|
SP304CS Fiches technique(PDF) 12 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP304CS Fiches technique(HTML) 12 Page - Sipex Corporation |
|
12 / 12 page ![]() Corporation SIGNAL PROCESSING EXCELLENCE 88 ORDERING INFORMATION Max # of Duplex Channels Model RS-232 RS-422 Temperature Package SP304CS .................. 4 ...................... 2 .................................... 0˚C to 70˚C ........................ 24-pin Single-Width Plastic DIP SP304CT .................. 4 ...................... 2 .................................... 0˚C to 70˚C ....................................................... 28-pin SOIC SP304ES .................. 4 ...................... 2 .................................. -40˚C to 85˚C ....................... 24-pin Single-Width Plastic DIP SP304ET .................. 4 ...................... 2 .................................. -40˚C to 85˚C ...................................................... 28-pin SOIC |