Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M29DW128F60NF6 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce M29DW128F60NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF6 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button M29DW128F60NF6 Datasheet HTML 5Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 6Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 7Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 8Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 9Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 10Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 11Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 12Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
M29DW128F
1 Summary description
9/93
Table 1.
Signal Names
Figure 1.
Logic Diagram
A0-A22
Address Inputs
DQ0-DQ7
Data Inputs/Outputs
DQ8-DQ14
Data Inputs/Outputs
DQ15A–1
Data Input/Output or Address Input
E
Chip Enable
G
Output Enable
W
Write Enable
RP
Reset/Block Temporary Unprotect
RB
Ready/Busy Output
BYTE
Byte/Word Organization Select(1)
1.
The x8 organization is only available in TSOP56 Package while the x16 organization is available for both
packages.
VCC
Supply Voltage
VCCQ
Supply Voltage for Input/Outputs
VPP/WP
VPP/Write Protect
VSS
Ground
NC
Not Connected Internally
AI09208
23
A0-A22
W
DQ0-DQ14
VCC
M29DW128F
E
VSS
15
G
RP
DQ15A–1
RB
VPP/WP
BYTE
VCCQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93