| Moteur de recherche de fiches techniques de composants électroniques |
|
HEB-BW-RLC-B Fiches technique(PDF) 2 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
HEB-BW-RLC-B Fiches technique(HTML) 2 Page - Eaton All Rights Reserved. |
|
2 / 6 page ![]() 2 Technical Data 2127 Effective January 2019 Bussmann series HEB breakaway and non-breakaway in-line fuse holders for UL 13/32” x 1-1/2” supplemental fuses Non-breakaway catalog number system HEB - A A Agency Info. Loadside terminal Lineside terminal Ref. length A Breakaway equivalent UL CSA Terminal type Wire range* Terminal type Wire range* HEB A A X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu crimp #8-16; (2) #12-16 Sol/Str 4.4 (112) HEB-AW-RLC-A B X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu crimp #6; (2) #10 4.4 (112) HEB-AW-RLC-B C X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu crimp #4; (2) #8 4.7 (119) HEB-AW-RLC-C D X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu crimp #2; (2) #6 4.7 (119) — J X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu setscrew #3-12 Str; #10-12 Sol 4.7 (119) HEB-AW-RLC-J K X X Cu crimp #8-16; (2) #12-16 Sol/Str Cu dual setscrew #2-12 Str†; #10-12 Sol† 4.8 (122) HEB-AW-RYC R — — Cu crimp #8-16; (2) #12-16 Sol/Str Al crimp #1-2 4.9 (124) — L — — Cu crimp #8-16; (2) #12-16 Sol/Str Al setscrew #2-12 4.7 (119) HEB-AW-RLA W — — Cu crimp #8-16; (2) #12-16 Sol/Str Cu solid — 4.4 (112) — Y — — Cu crimp #8-16; (2) #12-16 Sol/Str Al dual setscrew #2-12† 4.8 (122) HEB-AW-RYA B A X X Cu crimp #6; (2) #10 Cu crimp #8-16; (2) #12-16 Sol/Str 4.4 (112) HEB-BW-RLC-A B X X Cu crimp #6; (2) #10 Cu crimp #6; (2) #10 4.4 (112) HEB-BW-RLC-B C X X Cu crimp #6; (2) #10 Cu crimp #4; (2) #8 4.7 (119) — D X X Cu crimp #6; (2) #10 Cu crimp #2; (2) #6 4.7 (119) — W — — Cu crimp #6; (2) #10 Cu solid — 4.4 (112) — C C X X Cu crimp #4; (2) #8 Cu crimp #4; (2) #8 5 (127) — D D X X Cu crimp #2; (2) #6 Cu crimp #2; (2) #6 5 (127) — Z A — — Cu crimp #18-20 Cu crimp #8-16; (2) #12-16 Sol/Str 4.4 (112) — J J X X Cu setscrew #3-12 Str; #10-12 Sol Cu setscrew #3-12 Str; #10-20 Sol 5 (127) HEB-JW-RLC-J K X X Cu setscrew #3-12 Str; #10-12 Sol Cu dual setscrew #3-12 Str†; #10-20 Sol† 5.1 (129) HEB-JW-RYC L — — Cu setscrew #3-12 Str; #10-12 Sol Al setscrew #2-12 5 (127) — W — — Cu setscrew #3-12 Str; #10-12 Sol Cu solid — 4.8 (122) — Y — — Cu setscrew #3-12 Str; #10-12 Sol Al dual setscrew #2-12† 5.1 (129) — * Stranded conductors unless otherwise noted. † Not dual wire rated. One wire per opening. Non-breakaway dimensions - in (mm): A 9.125 (232) Assembled length Eaton.com/bussmannseries To order: Specify catalog symbol HEB and the loadside terminal code. Then select a lineside terminal code that is available with the loadside terminal. Example: HEB-BB defines a non-breakaway holder with a loadside copper crimp terminal for a single #6 or two #10 wires with a lineside copper crimp terminal for a single #6 or two #10 wires. |