| Moteur de recherche de fiches techniques de composants électroniques |
|
FRS-R-20 Fiches technique(PDF) 2 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
FRS-R-20 Fiches technique(HTML) 2 Page - Eaton All Rights Reserved. |
|
2 / 4 page ![]() 2 Technical Data 1017 Effective August 2018 Fusetron™ 600 V Class RK5 FRS-R — 600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses Eaton.com/bussmannseries Recommended fuse blocks Amps Catalog no. 1-Pole 2-Pole 3-Pole 30 RM60030-1_ RM60030-2_ RM60030-3_ 60 RM60060-1_ RM60060-2_ RM60060-3_ For additional information on the 600 volt fuse blocks, see data sheet no. 10489. Fuse reducers for Class R fuses Equipment fuse clips Desired fuse (case) size Catalog no. (pairs) 600 V 60 A 30 A NO.663-R 100 A 30 A NO.216-R 60 A NO.616-R 200 A 60 A NO.626-R For additional information on Class R fuse reducers, see data sheet no. 1118. Dimensions — in 0.81" (±0.008) 5" (±0.031) 1/10 to 30A 5.5" (±0.031) 35 to 60A 1.06" (±0.008) Time-current curves - average melt 1/10 to 8 amps AMP RATING CURRENT IN AMPS |