| Moteur de recherche de fiches techniques de composants électroniques |
|
GPC3LP170A Fiches technique(PDF) 2 Page - Generalplus Technology Inc. |
|
|
|||||||||||||||||||||||||||||
GPC3LP170A Fiches technique(HTML) 2 Page - Generalplus Technology Inc. |
|
2 / 13 page ![]() GPC3LP170A © Generalplus Technology Inc. Proprietary & Confidential 2 Apr. 17, 2014 Version: 1.0 Table of Contents PAGE TABLE OF CONTENTS .......................................................................................................................................................................................... 2 LOW POWER 3-CHANNEL SOUND CONTROLLER ...................................................................................................................................... 3 1. GENERAL DESCRIPTION......................................................................................................................................................................... 3 2. BLOCK DIAGRAM..................................................................................................................................................................................... 3 3. FEATURES................................................................................................................................................................................................. 3 4. APPLICATION FIELD ................................................................................................................................................................................ 3 5. SIGNAL DESCRIPTIONS .......................................................................................................................................................................... 4 6. FUNCTIONAL DESCRIPTIONS................................................................................................................................................................. 5 6.1. CPU ..................................................................................................................................................................................................... 5 6.2. RAM AREA............................................................................................................................................................................................ 5 6.3. ROM AREA ........................................................................................................................................................................................... 5 6.4. MAP OF MEMORY AND I/OS .................................................................................................................................................................... 5 6.5. I/O PORT............................................................................................................................................................................................... 5 6.6. DC-DC ................................................................................................................................................................................................. 5 6.7. POWER SAVING MODE ........................................................................................................................................................................... 5 6.8. RTC (REAL TIME CLOCK)....................................................................................................................................................................... 5 6.9. LOW VOLTAGE RESET ............................................................................................................................................................................ 6 6.10. TIMER/COUNTER ................................................................................................................................................................................... 6 6.11. SPEECH AND MELODY............................................................................................................................................................................ 6 6.12. BATTERY VOLTAGE DETECT FUNCTION..................................................................................................................................................... 6 6.13. OTP PROGRAMMING CIRCUIT FOR GPC3LP170A.................................................................................................................................. 6 7. ELECTRICAL SPECIFICATIONS .............................................................................................................................................................. 7 7.1. ABSOLUTE MAXIMUM RATINGS ............................................................................................................................................................... 7 7.2. POWER CHARACTERISTICS (ONE-BATTERY , TA = 25℃) ......................................................................................................................... 7 7.3. POWER CHARACTERISTICS (TWO-BATTERY , TA = 25℃) ......................................................................................................................... 7 7.4. DC CHARACTERS (TA = 25℃)................................................................................................................................................................ 7 7.5. PUMP EFFICIENCY (ONE-BATTERY , TA = 25℃)....................................................................................................................................... 8 7.6. PUMP EFFICIENCY (TWO-BATTERY , TA = 25℃) ...................................................................................................................................... 8 7.7. VDD15 V.S. MAX. SUPPLIED CURRENT (I(VDD)) (ONE-BATTERY , TA = 25℃).......................................................................................... 9 7.8. VDD15 V.S. MAX. SUPPLIED CURRENT (I(VDD)) (TWO-BATTERY , TA = 25℃) ......................................................................................... 9 7.9. (3VOLT) EXTERNAL OSCILLATOR R RELATIVE FOSC (THE TABLE IS ONLY FOR REFERENCE). ........................................................................ 9 8. APPLICATION CIRCUITS........................................................................................................................................................................ 10 8.1. HEAVY LOADING OR CIRCUIT WITH NOISE ............................................................................................................................................. 10 9. PACKAGE/PAD LOCATIONS.................................................................................................................................................................. 11 9.1. ORDERING INFORMATION ......................................................................................................................................................................11 10. DISCLAIMER ........................................................................................................................................................................................... 12 11. REVISION HISTORY................................................................................................................................................................................ 13 |