Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VPH1-1400-R Fiches technique(PDF) 3 Page - Eaton All Rights Reserved.

No de pièce VPH1-1400-R
Description  VERSA-PAC짰 Inductors and Transformers (Surface Mount)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

VPH1-1400-R Fiches technique(HTML) 3 Page - Eaton All Rights Reserved.

  VPH1-1400-R Datasheet HTML 1Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 2Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 3Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 4Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 5Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 6Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 7Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 8Page - Eaton All Rights Reserved. VPH1-1400-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.eaton.com/electronics
3
VP
VERSA-PAC® Inductors and Transformers (Surface Mount)
Technical Data 4301
Effective August 2017
(1) The first three or four digits in the part number signify the size of the
package. The next four digits specify the AL, or nanoHenries per turn
squared.
-R indicates RoHS compliant.
(2) L
BASE
= Nominal Inductance of a single winding.
(3) I
BASE
is the lessor of ISAT(BASE) and IRMS(BASE).
(4) Peak current that will result in 30% saturation of the core. This
current value assumes that equal current flows in all six windings.
For applications in which all windings are not simultaneously driven
(i.e. flyback, SEPIC, Cuk, etc.), the saturation current per winding
may be calculated as follows:
I
SAT
=
6 x I
SAT(BASE)
Number of Windings Driven
(5) RMS Current that results in a surface temperature of approximately
40 °C above ambient. The 40 °C rise occurs when the specified
current flows through each of the six windings.
(6) Maximum DC Resistance of each winding.
(7) For multiple windings in series, the volt-µsecond
TOTAL
(µVs) capability
varies as the number of windings in series (S):
Volt-µsec
TOTAL = S x Volt-µsec(BASE)
For multiple windings in parallel, the volt-µsecondTOTAL (µVs) capability
is as shown in the table above.
(8) Maximum Energy capability of each winding. This is based on 30%
saturation of the core:
Energy
SERIES = S
2
x
1
x
0.7L
BASE x I
2
SAT(BASE)
2
Energy
PARALLEL = P
2
x
1
x
0.7L
BASE x I
2
SAT(BASE)
For multiple windings, the energy capability varies as the square of
the number of windings. For example, six windings (either parallel
or series) can store 36 times more energy than one winding.
(9) Thermal Resistance is the approximate surface temperature rise
per Watt of heat loss under still-air conditions. Heat loss is a
combination of core loss and wire loss. The number assumes the
underlying PCB copper area equals 150% of the component area.
(10) These devices are designed for feed-forward applications, where
load current dominates magnitizing current.
2
VERSA-PAC temperature rise depends on total power losses and
size. Any other
PCM configurations other than those suggested
could run hotter than acceptable.
Certain topologies or applications must be analyzed for needed
requirements and matched with the best
VERSA-PAC size and
configuration. Proper consideration must be used with all
parameters, especially those associated with current rating, energy
storage, or maximum volt-seconds.
VERSA-PAC should not be used in off-line or safety related
applications. The breakdown voltage from one winding to any other
winding is 500 VAC maximum.
Product specifications- notes
Dimensions- mm
VP1 and VPH1
TOP VIEW
WHITE DOT
PIN #1
D
(12 PLCS)
LOGO (OPTIONAL)
B
C
A
12
7
6
1
FRONT VIEW
I
(12 PLCS)
H
G
(2 PLCS)
WWLLYY R
E
F
RECOMMENDED PCB LAYOUT
J
N
M
COMPONENT
SIDE
1
12
6
7
L
(12PLCS)
K
(12PLCS)
0
(10PLCS)
P
(10PLCS)
4
1
5
2
6
8
12
7
11
10
9
3
1:1:1:1:1:1
A
A
AB
E
F
G
H
I
J
K
LM
N
O
P
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
mm
max
ref
max
ref
ref
max
ref
ref
ref
ref
ref
max
VP1 and VPH1
12.9
9.2
13.0
0.7
5.9
6.2
1.5
0.1
0.25
11.5
1.5
2.25
9.7
14.2
2.0
0.5
NOTES:
1)Tolerances A - I are ± 0.25 mm unless specified
otherwise.
2)Tolerances J - P are +/- 0.1 mm unless specified
otherwise.
3)Marking:
a)Dot for pin #1 identification
b) VP(H)x-xxx (product code, size, 4 digit part
number per family table.)
c) Versa Pac Logo (optional)
d) wwllyy = (date code) R = (revision level)
4)All soldering surfaces must be coplanar within
0.102 mm.
5)Packaged in tape and reel 600 parts per reel



Html Pages

1 2 3 4 5 6 7 8 9