Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2KK5014 Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2KK5014
Description  N-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2KK5014 Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2KK5014 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2KK5014 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2KK5014 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2KK5014 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2KK5014 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel Enhancement MOSFET
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250
A, VGS=0V
150
V
Zero Gate Voltage Drain Current
IDSS
VDS=120V, VGS=0V
1
A
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250
A
2.0
3.1
4.0
V
VGS=10V, ID=2.8A
285
VGS=6V, ID=2.4A
305
VGS=10V, ID=2.8A ,Tj = 125
320
Forward Transconductance
gFS
VDS=10V, ID=2.8A
4
S
Input Capacitance
Ciss
295
395
Output Capacitance
Coss
33
45
Reverse Transfer Capacitance
Crss
2.4
5
Gate Resistance
Rg
1
VGS=0 to 10V, VDS=75V, ID=2.8A
4.9
7
VGS=0 to 5V, VDS=75V, ID=2.8A
2.8
4
Gate Source Charge
Qgs
1.4
Gate Drain Charge
Qgd
1.3
Turn-On DelayTime
td(on)
5.3
11
Turn-On Rise Time
tr
1.3
10
Turn-Off DelayTime
td(off)
9.8
20
Turn-Off Fall Time
tf
2.4
10
Body Diode Reverse Recovery Time
trr
48
77
Body Diode Reverse Recovery Charge
Qrr
44
70
uC
Maximum Body-Diode Continuous Current
IS
2.8
A
Diode Forward Voltage
VSD
IS=2.8A,VGS=0V
(Note.1)
0.82
1.3
V
Static Drain-Source On-Resistance
RDS(On)
Total Gate Charge
Qg
IF= 2.8A, dI/dt= 100A/
s VGS=0V
pF
nC
ns
ID=2.8A, VDS=75V, ,RGEN=6
,VDS=10V
VGS=0V, VDS=75V, f=1MHz
VDS=75V, ID=2.8A
Note.1: .Pulse Test:Pulse width
300us,Duty cycle
2%
Marking
Marking
86244



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com