Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93LC66CESTG Fiches technique(PDF) 1 Page - Microchip Technology

No de pièce 93LC66CESTG
Description  4K Microwire Compatible Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66CESTG Fiches technique(HTML) 1 Page - Microchip Technology

  93LC66CESTG Datasheet HTML 1Page - Microchip Technology 93LC66CESTG Datasheet HTML 2Page - Microchip Technology 93LC66CESTG Datasheet HTML 3Page - Microchip Technology 93LC66CESTG Datasheet HTML 4Page - Microchip Technology 93LC66CESTG Datasheet HTML 5Page - Microchip Technology 93LC66CESTG Datasheet HTML 6Page - Microchip Technology 93LC66CESTG Datasheet HTML 7Page - Microchip Technology 93LC66CESTG Datasheet HTML 8Page - Microchip Technology 93LC66CESTG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2003 Microchip Technology Inc.
DS21795B-page 1
93AA66A/B/C, 93LC66A/B/C,
93C66A/B/C
Device Selection Table
Features
• Low-power CMOS technology
• ORG pin to select word size for ‘66C version
• 512 x 8-bit organization ‘A’ ver. devices (no ORG)
• 256 x 16-bit organization ‘B’ ver. devices (no
ORG)
• Self-timed ERASE/WRITE cycles (including
auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device Status signal (READY/BUSY)
• Sequential READ function
• 1,000,000 E/W cycles
• Data retention > 200 years
• Temperature ranges supported:
Pin Function Table
Description
The Microchip Technology Inc. 93XX66A/B/C devices
are 4K bit low voltage serial Electrically Erasable
PROMs (EEPROM). Word-selectable devices such as
the 93AA66C, 93LC66C or 93C66C are dependent
upon external logic levels driving the ORG pin to set
word size. For dedicated 8-bit communication, the
93AA66A, 93LC66A or 93C66A devices are available,
while the 93AA66B, 93LC66B and 93C66B devices
provide dedicated 16-bit communication. Advanced
CMOS technology makes these devices ideal for low
power, non-volatile memory applications. The entire
93XX Series is available in standard packages includ-
ing 8-lead PDIP and SOIC, and advanced packaging
including 8-lead MSOP, 6-lead SOT-23, and 8-lead
TSSOP. Pb-free (Pure Matte Sn) finish is also
available.
Package Types (not to scale)
Part Number
VCC Range
ORG Pin
Word Size
Temp Ranges
Packages
93AA66A
1.8-5.5
No
8-bit
I
P, SN, ST, MS, OT
93AA66B
1.8-5-5
No
16-bit
I
P, SN, ST, MS, OT
93LC66A
2.5-5.5
No
8-bit
I, E
P, SN, ST, MS, OT
93LC66B
2.5-5.5
No
16-bit
I, E
P, SN, ST, MS, OT
93C66A
4.5-5.5
No
8-bit
I, E
P, SN, ST, MS, OT
93C66B
4.5-5.5
No
16-bit
I, E
P, SN, ST, MS, OT
93AA66C
1.8-5.5
Yes
8 or 16-bit
I
P, SN, ST, MS
93LC66C
2.5-5.5
Yes
8 or 16-bit
I, E
P, SN, ST, MS
93C66C
4.5-5.5
Yes
8 or 16-bit
I, E
P, SN, ST, MS
- Industrial (I)
-40°C to +85°C
- Automotive (E)
-40°C to +125°C
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
NC
No internal connection
ORG
Memory Configuration
VCC
Power Supply
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
PDIP/SOIC
(P, SN)
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
ROTATED SOIC
(ex: 93LC66BX)
TSSOP/MSOP
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
(ST, MS)
SOT-23
DO
VSS
DI
1
2
3
6
5
4
VCC
CS
CLK
(OT)
* ORG pin is NC on A/B devices
4K Microwire Compatible Serial EEPROM


Numéro de pièce similaire - 93LC66CESTG

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
93LC66C MICROCHIP-93LC66C Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93LC66C MICROCHIP-93LC66C Datasheet
303Kb / 25P
4K Microwire Compatible Serial EEPROM
07/28/03
93LC66C-E/CH MICROCHIP-93LC66C-E/CH Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
93LC66C-E/MC MICROCHIP-93LC66C-E/MC Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93LC66C-E/MC MICROCHIP-93LC66C-E/MC Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Description similaire - 93LC66CESTG

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
4K 2.5V Microwire Serial EEPROM
1998 - 2000
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
4K 2.5V Microwire Serial EEPROM
1997
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
2K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
16K Microwire Compatible Serial EEPROM
01/26/04
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
4K Microwire Compatible Serial EEPROM
07/28/03
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com