| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA9112A Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112A Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 60 page ![]() TDA9112A 41/60 9.4.5 Vertical moiré To blur potential moiré patterns due to interaction of deflection lines with CRT mask grid, the picture position is to be slightly alternated at frame fre- quency. For this purpose, a square waveform at half-frame frequency is superimposed on the out- put waveform. Its amplitude is adjustable through VMOIRE I²C-bus control. 9.4.6 Biasing of vertical booster The biasing voltage for external DC-coupled verti- cal power amplifier is to be derived from VRefO voltage provided on pin RefOut, using a resistor di- vider, this to ensure the same temperature drift of mean (DC) levels on both differential inputs and to compensate for spread of VRefO value (and so mean output value) between particular devices. Figure 12. Vertical section block diagram Synchro Polarity Controller Discharge Sampling Sampling Capacitance C-correction Charge current Trans-conductance amplifier VOscF VOut VCap VSyn OSC Cap. Q1 VEHTIn VAGCCap VSIZE (I²C) SCOR (I²C) CCOR (I²C) VMOIRE (I²C) VPOF (I²C) VSAG (I²C) S-correction VVOB Internal V-ramp 22 20 18 23 19 2 VPOS (I²C) sawtooth discharge VVOTref Vmidref To geometry processing VEHTG (I²C) VVEHTnull R R VPOS (I²C) Vmidref Vmidref |