| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC859TZP133 Fiches technique(PDF) 85 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC859TZP133 Fiches technique(HTML) 85 Page - Freescale Semiconductor, Inc |
|
85 / 92 page ![]() MOTOROLA MPC866/859 Hardware Specifications 85 Mechanical Data and Ordering Information PD9 RXD4 MII-TXD0 UTPCLK V17 Bidirectional PD8 TXD4 MII-MDC MII-RXCLK W17 Bidirectional PD7 RTS3 MII-RXERR UTPB4 T15 Bidirectional PD6 RTS4 MII-RXDV UTPB5 V16 Bidirectional PD5 REJECT2 MII-TXD3 UTPB6 U15 Bidirectional PD4 REJECT3 MII-TXD2 UTPB7 U16 Bidirectional PD3 REJECT4 MII-TXD1 SOC W16 Bidirectional TMS G18 Input TDI DSDI H17 Input TCK DSCK H16 Input TRST G19 Input TDO DSDO G17 Output MII_CRS B7 Input MII_MDIO H18 Bidirectional MII_TXEN V15 Output MII_COL H4 Input VSSSYN1 V1 PLL analog VDD and GND VSSSYN U1 Power Table 39. Pin Assignments (continued) Name Pin Number Type Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |