Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRQ127-3R3-R Fiches technique(PDF) 7 Page - Eaton All Rights Reserved.

No de pièce DRQ127-3R3-R
Description  Dual winding, high power density, shielded drum core power inductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DRQ127-3R3-R Fiches technique(HTML) 7 Page - Eaton All Rights Reserved.

Back Button DRQ127-3R3-R Datasheet HTML 2Page - Eaton All Rights Reserved. DRQ127-3R3-R Datasheet HTML 3Page - Eaton All Rights Reserved. DRQ127-3R3-R Datasheet HTML 4Page - Eaton All Rights Reserved. DRQ127-3R3-R Datasheet HTML 5Page - Eaton All Rights Reserved. DRQ127-3R3-R Datasheet HTML 6Page - Eaton All Rights Reserved. DRQ127-3R3-R Datasheet HTML 7Page - Eaton All Rights Reserved. DRQ127-3R3-R Datasheet HTML 8Page - Eaton All Rights Reserved. DRQ127-3R3-R Datasheet HTML 9Page - Eaton All Rights Reserved. DRQ127-3R3-R Datasheet HTML 10Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Data DS4311
Effective September 2017
DRQ
Dual winding, high power density, shielded drum core power inductors
7
www.eaton.com/electronics
2.50
2.05
12.5
Max
10.0
2.00
1
2
4
3
12.5
Max
Bottom View
Side View
Top View
6.00 Max
1
2
DRQ125
###
wwllyy R
4
3
•
Dual Inductor Mode
Series Mode
3.85
13.80
Recommended Pad Layout
13.80
1
0.50
2
3.85
1
4
2.50
3
2
0.50
4
3
Schematic
Series Mode
L1
L1
L2
3
4
3
Dual Inductor
1
2
1
L2
L1
L2
4
4
3
Parallel Mode
2
1
2
2.50
2.05
10.0
Bottom View
2.00
1
2
12.5
Max
4
3
1
2
DRQ127
###
wwllyy R
4
3
•
Dual Inductor Mode
Series Mode
3.85
13.80
Recommended Pad Layout
13.80
0.50
3.85
1
2.50
2
0.50
4
3
12.5
Max
8.0
Max
Side View
Top View
Schematic
4
3
Dual Inductor
1
L1
2
L2
3
Series Mode
L1
1
L2
L2
Parallel Mode
43
1
2
L1
2
4
### = Inductance value per family chart
wwllyy = (date code)
R = revision level
Dot indicates pin #1
Do not route traces or vias underneath the inductor
DRQ127
Dimensions - mm
DRQ125



Html Pages

1 2 3 4 5 6 7 8 9 10