| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC866TZP100 Fiches technique(PDF) 79 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC866TZP100 Fiches technique(HTML) 79 Page - Freescale Semiconductor, Inc |
|
79 / 92 page ![]() MOTOROLA MPC866/859 Hardware Specifications 79 Mechanical Data and Ordering Information RSTCONF P3 Input HRESET N4 Open-drain SRESET P2 Open-drain XTAL P1 Analog Output EXTAL N1 Analog Input (3.3V only) CLKOUT W3 Output EXTCLK N2 Input (3.3V only) TEXP N3 Output ALE_A MII-TXD1 K2 Output CE1_A MII-TXD2 B3 Output CE2_A MII-TXD3 A3 Output WAIT_A SOC_Split2 R3 Input WAIT_B R4 Input IP_A0 UTPB_Split02 MII-RXD3 T5 Input IP_A1 UTPB_Split12 MII-RXD2 T4 Input IP_A2 IOIS16_A UTPB_Split22 MII-RXD1 U3 Input IP_A3 UTPB_Split32 MII-RXD0 W2 Input IP_A4 UTPB_Split42 MII-RXCLK U4 Input IP_A5 UTPB_Split52 MII-RXERR U5 Input IP_A6 UTPB_Split62 MII-TXERR T6 Input IP_A7 UTPB_Split72 MII-RXDV T3 Input Table 39. Pin Assignments (continued) Name Pin Number Type Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |