Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP6862ASOGTR Fiches technique(PDF) 11 Page - Fitipower Integrated Technology Inc.

No de pièce FP6862ASOGTR
Description  Dual-Channel USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FITIPOWER [Fitipower Integrated Technology Inc.]
Site Internet  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6862ASOGTR Fiches technique(HTML) 11 Page - Fitipower Integrated Technology Inc.

Back Button FP6862ASOGTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
FP6862-1.6-JUN-2012
FP6862
85T
fitipower integrated technology lnc.
Outline Information
SOP-8 Package (Unit: mm)
Note:Followed From JEDEC MO-012-E.
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
1.35
1.75
A1
0.10
0.25
A2
1.25
1.50
B
0.31
0.51
D
4.80
5.00
E
3.80
4.00
e
1.20
1.34
H
5.80
6.20
L
0.40
1.27
Carrier Dimensions
Life Support Policy
Fitipower’s products are not authorized for use as critical components in life support devices or other medical systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11