Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP6733 Fiches technique(PDF) 10 Page - Fitipower Integrated Technology Inc.

No de pièce FP6733
Description  PWM Controlled, Step-up DC/DC Converter in Tiny Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FITIPOWER [Fitipower Integrated Technology Inc.]
Site Internet  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6733 Fiches technique(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FP6733 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FP6733-1.6-JUN-2013
FP6733
fitipower integrated technology lnc.
Outline Information
SOT-23-6 Package (Unit: mm)
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
B
0.30
0.50
D
2.80
3.00
E
2.60
3.00
E1
1.50
1.70
e
0.90
1.00
e1
1.80
2.00
L
0.30
0.60
Note:Followed From JEDEC MO-178-C.
Carrier Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11