Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCM1305-150-R Fiches technique(PDF) 2 Page - Eaton All Rights Reserved.

No de pièce HCM1305-150-R
Description  High current power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1305-150-R Fiches technique(HTML) 2 Page - Eaton All Rights Reserved.

  HCM1305-150-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 7Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 8Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technical Data 4371
Effective September 2017
HCM1305
High current power inductors
www.eaton.com/electronics
Product specifications
Part Number6
OCL1
(µH) ± 20%
FLL2 Min.
(µH)
I
rms
3
(
A)
I
sat
4
(
A)
DCR (m )
@
+20 °C ±
nominal
DCR (m )
@
+20 °C
maximum
K-factor5
HCM1305-R10-R
0.10
0.064
55
118
0.52
0.59
848
HCM1305-R22-R
0.22
0.14
51
110
0.63
0.72
843
HCM1305-R33-R
0.33
0.21
42
80
0.80
0.92
506
HCM1305-R47-R
0.47
0.30
38
65
0.80
0.92
506
HCM1305-R56-R
0.56
0.36
36
55
1.15
1.33
500
HCM1305-R68-R
0.68
0.44
34
54
1.15
1.33
500
HCM1305-R82-R
0.82
0.52
31
53
1.40
1.61
358
HCM1305-1R0-R
1.00
0.64
29
50
2.10
2.42
275
HCM1305-1R5-R
1.50
0.96
23
48
2.75
3.16
225
HCM1305-1R8-R
1.80
1.15
21
40
4.00
4.60
216
HCM1305-2R2-R
2.20
1.41
20
32
4.60
5.29
191
HCM1305-3R3-R
3.30
2.11
15
32
7.70
9.20
170
HCM1305-4R7-R
4.70
3.01
12
27
11.0
12.7
161
HCM1305-5R6-R
5.60
3.58
11.5
22
12.0
13.8
142
HCM1305-6R8-R
6.80
4.35
11
21
13.0
15.0
129
HCM1305-7R8-R
7.80
4.99
10
18.5
16.8
19.4
117
HCM1305-8R2-R
8.20
5.25
9.5
18
17.5
20.1
117
HCM1305-100-R
10.0
6.40
9.0
16
19.0
21.9
90
HCM1305-150-R
15.0
9.60
7.7
13
29.0
33.4
74
HCM1305-220-R
22.0
14.1
6.2
10
45.0
51.8
63
HCM1305-330-R
33.0
21.1
5.2
8
74.5
85.5
48
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.25 V
rms, 0.0 Adc,
+25 °C.
2. Full Load Inductance (FLL) Test Parameters: 100 kHz, 0.25 V
rms, Isat, @ +25 °
C.
3. I
rms: DC current for an approximate temperature rise of 40 °C without core
loss. Derating is necessary for AC currents. PCB layout, trace thickness and
width, air-flow, and proximity of other heat generating components will affect
the temperature rise. It is recommended that the temperature of the part not
exceed
+125 °C under worst case operating conditions verified in the end
application.
4. I
sat: Peak current for approximately 20% rolloff at +25 °C.
5. K-factor: Used to determine B
p-p for core loss (see graph). Bp-p = K * L *
I.
B
p-p: (Gauss), K: (K-factor from table), L: (Inductance in µH),
I (Peak to peak
ripple current in amps).
6. Part Number Definition: HCM1305-yyy-R
- HCM1305 = Product code and size
yyy= Inductance value in µH, R = decimal point,
if no R is present then third character = number of zeros.
“-R” suffix = RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9