Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCM1305-7R8-R Fiches technique(PDF) 3 Page - Eaton All Rights Reserved.

No de pièce HCM1305-7R8-R
Description  High current power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1305-7R8-R Fiches technique(HTML) 3 Page - Eaton All Rights Reserved.

  HCM1305-7R8-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1305-7R8-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1305-7R8-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1305-7R8-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1305-7R8-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1305-7R8-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1305-7R8-R Datasheet HTML 7Page - Eaton All Rights Reserved. HCM1305-7R8-R Datasheet HTML 8Page - Eaton All Rights Reserved. HCM1305-7R8-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.eaton.com/electronics
Technical Data 4371
Effective September 2017
HCM1305
High current power inductors
Dimensions- mm
xxx
wlyy R
Part Marking: xxx = Inductance value in µH, R = decimal point, if no R is present, third character = number of zeros, wlyy = (Date Code), R = (Revision Level)
All soldering surfaces to be coplanar within 0.10 millimeters.
Tolerances are ±0.3 millimeters unless stated otherwise.
Color: Grey.
Do not route traces or vias underneath the inductor
Top View
Side View
Bottom View
Recommended Pad Layout
Schematic
4.0±0.5
2.54±0.3
7.7 typ.
4.9
5.0 max.
8.5 typ.
13.3±0.5
12.2±0.3
3.3
14.2
Packaging information - mm
Supplied in tape and reel packaging, 400 parts per 13” diameter reel.



Html Pages

1 2 3 4 5 6 7 8 9