| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2 Fiches technique(PDF) 2 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
LP2 Fiches technique(HTML) 2 Page - Eaton All Rights Reserved. |
|
2 / 7 page ![]() 9 EATON www.eaton.com Terminal Styles Inches (Millimeters) Part Numbering System Family Terminal Style Base/End Poles Screw Options Options A2 - standard barrier LP2 - low profile barrier 01* - handwired 02 - printed circuit 03 - non feed-thru 04 - wire wrap tail 06 - handwired 07 - extended pin 08 - printed circuit 09 - 0.250˝ QC short 10 - 0.187˝ QC 14 - printed circuit 19 - 0.250˝ QC long 1 - std. base/ mnt. end 2 - std. base/ barrier end on mount 3 - insulator base/mnt. end 4 - insulator base/barrier end 5 - closed base/ mount end 6 - closed base/ molded mount end Base/End Note: 5 & 6 Styles only available with 03 terminals. 02 to 26 Barrier end 02 to 24 Mount end Blank–std. screws 00 - screws shipped bulk 03* - stainless steel 04 - brass nickel-plated 07 - steel SEMS*** 09* - brass SEMS nickel-plated*** CA** - captive screw WR* - wire ready AB* - angle mnt. options (pg 11) A1 to A9 - 0.250˝ QC B1 to B9 - 0.187˝ QC DR* - drilled right angle (pg 11) L1 to L6 marking options (pg 25) MP* mounting plates (pg 11) R30 to R75 - right angle bends (pg 11) S1* - solder lug/flat Covers - (pg 26) * A2 only. ** Not compatible with 03-stainless steel screws. *** SEMS screws not available with hardware options A2 & LP2 Single Row Terminal Blocks |