| Moteur de recherche de fiches techniques de composants électroniques |
|
54HC00 Fiches technique(PDF) 2 Page - Silicon Supplies |
|
|
|||||||||||||||||||||||||||||
54HC00 Fiches technique(HTML) 2 Page - Silicon Supplies |
|
2 / 5 page ![]() Page 2 of 5 www.siliconsupplies.com d High Speed CMOS Logic – 54HC00 Rev 1.0 07/02/19 COORDINATES (mm) PAD FUNCTION X Y 1 1A 0.132 0.443 2 1B 0.132 0.126 3 1Y 0.315 0.129 4 2A 0.485 0.128 5 2B 0.802 0. 129 6 2Y 0.981 0.129 7 GND 0.981 0.504 8 3Y 0.981 0.807 9 3A 0.971 1.105 10 3B 0.722 1.115 11 4Y 0.551 1.115 12 4A 0.331 1.115 13 4B 0.132 1.105 14 VCC 0.132 0.65 CONNECT CHIP BACK TO VCC OR FLOAT Pad Layout and Functions Logic Diagram Function Table INPUTS OUTPUT A B Y L L H H L H L H H H H L H = High level (steady state) L = Low level (steady state) 1300µm (51.18 mils) 0,0 9 8 7 6 5 4 3 2 1 14 13 12 11 10 1A 1B 2A 2B 3A 3B 4A 4B 1 2 4 5 9 10 12 13 3 6 8 11 1Y 2Y 3Y 4Y Pad 14 = VCC Pad 7 = GND COORDINATES MARKED IN DIE PASSIVATION FOR ORIENTATION |