Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF1007-5R6-R Fiches technique(PDF) 2 Page - Eaton All Rights Reserved.

No de pièce HCF1007-5R6-R
Description  High frequency, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCF1007-5R6-R Fiches technique(HTML) 2 Page - Eaton All Rights Reserved.

  HCF1007-5R6-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCF1007-5R6-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCF1007-5R6-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCF1007-5R6-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 4361
Effective July 2017
HCF1007
High frequency, high current power inductors
www.eaton.com/electronics
Packaging information - mm
Dimensions- mm
Product specifications
Do not route traces or vias underneath the inductor
OCL1
FLL2
Irms3
Isat14
Isat25
DCR mΩ
Part Number
7
µH ± 20%
Min (µH)
(A)
(A) @ +25 °C
(A) @1+25 °C
@+20 °C
K-factor6
HCF1007-R30-R
0.30
0.21
30
48
35
0.90±10%
279.9
HCF1007-R42-R
0.42
0.30
26
45
36
1.30±7%
186.6
HCF1007-R56-R
0.56
0.40
26
36
28
1.30±7%
186.6
HCF1007-R68-R
0.68
0.49
26
29
23
1.30±7%
186.6
HCF1007-1R0-R
1.0
0.72
16
26
21
2.65±6%
139.9
HCF1007-1R5-R
1.5
1.08
13
22
17
4.15±6%
112.0
HCF1007-2R2-R
2.2
1.57
10.7
18
14
6.35±6%
93.30
HCF1007-3R3-R
3.3
2.37
10
14.5
11
7.50±6%
79.97
HCF1007-4R7-R
4.7
3.38
9.4
12
8.9
8.65±6%
69.97
HCF1007-5R6-R
5.6
4.03
9.4
9.4
7.5
8.65±6%
69.97
HCF1007-6R8-R
6.8
4.90
9.4
7.8
6.1
8.65±6%
69.97
HCF1007-100-R
10.0
7.20
9.4
5.3
4.2
8.65±6%
69.97
1 Open Circuit Inductance (OCL) Test Parameters: 100
kHz, 0.10 Vrms, 0.0 Adc
2 Full Load Inductance (FLL) Test Parameters: 100
kHz, 0.1 Vrms, Isat1
3 Irms: DC current for an approximate temperature rise of 40 °C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and proximity of other heat
generating components will affect the temperature rise. It is recommended that the temperature of the part not
exceed
+125 °C under worst case operating conditions verified in the end application.
4 Isat1: Peak current for approximately 20% rolloff at +25 °C.
5 Isat2: Peak current for approximately 20% rolloff at +125 °C.
6 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p:(Gauss), K:
(K-factor from table), L: (Inductance in
μH), ΔI (peak-to-peak ripple current in amps).
7 Part Number Definition:HCF1007-xxx-R
• HCF1007 = Product code and size
• xxx= Inductance value in
μH, R = decimal point. If no “R”
is present then third character =# of zeros
• -R suffix = RoHS compliant
1
2
6.0
± 0.5
2.3
± 0.3
8.60 3.61
3.0
2.9
2.0
3.6
1.3
± 0.3
4.2
± 0.5
Top V iew
Side View
Bottom View
R ecom m ended P ad Layout
Schem atic
Test DCR at
the bend points
Part Marking:
HCF1007
xxx = Inductance value in
μH. (R = Decimal point). If no “R” is present, then last character is # of zeros
yyllww = Date code
R = Revision level
7.8
6.65
± 0.3
m ax
2.4
± 0.3
10.10
1.80
± 0.2
ref
S ection A -A
A
A
6.70
1.5 dia
1.5 dia
4.0
2.0
12.0
1.75
11.5
24.0
± 0.3
User direction of feed
1
2
10.50
8.20
Supplied in tape-and-reel packaging, 700 parts per reel, 13” diameter reel.



Html Pages

1 2 3 4