Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C515-1-R Fiches technique(PDF) 2 Page - Eaton All Rights Reserved.

No de pièce C515-1-R
Description  5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

C515-1-R Fiches technique(HTML) 2 Page - Eaton All Rights Reserved.

  C515-1-R Datasheet HTML 1Page - Eaton All Rights Reserved. C515-1-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2006 BU-SB09716
May 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
C515
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
Technical Data
2006
Effective May 2017
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Time-Current Curves
10000
1000
100
10
1
0.1
0.01
0.1
1
10
100
Multiples of Rated Current
Dimensions mm
Drawing Not to Scale
Packaging Code
Packaging Code Prefix
Description
BK
100 fuses packed into a cardboard carton
TR2
1500 fuses packed into tape on a reel (20.3mm lead wire length)
Option Code
Option Code
Description
S
Insulation Sleeve



Html Pages

1 2