| Moteur de recherche de fiches techniques de composants électroniques |
|
MSM9005 Fiches technique(PDF) 18 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM9005 Fiches technique(HTML) 18 Page - OKI electronic componets |
|
18 / 30 page ![]() ¡ Semiconductor MSM9005-xx 18/30 FEDL9005-03 [How to transfer LPA command and arbitrator display data] *: Don't care 11*10000 D8 D7 D6 D5 D4 D3 D2 D1 LPA command * * * A4 A3 A2 A1 A0 D8 D7 D6 D5 D4 D3 D2 D1 Arbitrator display data (Repeats eight times.) * * * A4 A3 A2 A1 A0 D8 D7 D6 D5 D4 D3 D2 D1 Arbitrator display data * * * A4 A3 A2 A1 A0 D8 D7 D6 D5 D4 D3 D2 D1 Arbitrator display data * * * A4 A3 A2 A1 A0 D8 D7 D6 D5 D4 D3 D2 D1 Arbitrator display data * * * A4 A3 A2 A1 A0 D8 D7 D6 D5 D4 D3 D2 D1 Arbitrator display data * * * A4 A3 A2 A1 A0 D8 D7 D6 D5 D4 D3 D2 D1 Arbitrator display data Specify address pointer value (Example: Set address pointer value to 10H.) Arbitrator display data is written to AB RAM address 10H, and the specified arbitrator of segments 1 to 5 can be displayed. After this data transfer is executed, the address pointer value becomes 11H. Arbitrator display data is written to AB RAM address 11H, and the specified arbitrator of segments 6 to 10 can be displayed. After this data transfer is executed, the address pointer value becomes 12H. Arbitrator display data is written to AB RAM address 12H, and the specified arbitrator of segments 11 to 15 can be displayed. After this data transfer is executed, the address pointer value becomes 13H. Arbitrator display data is written to AB RAM address 1BH, and the specified arbitrator of segments 59 to 60 can be displayed. After this data transfer is executed, the address pointer value becomes 1CH. Arbitrator display data is written to AB RAM address 1CH, and the specified arbitrator of segments 61 to 65 can be displayed. After this data transfer is executed, the address pointer value becomes 1DH. AB RAM address is only 10H to 1CH. The address pointer value becomes 1DH. However, this arbitrator display data is ignored. |