Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CTX50-2-52M-R Fiches technique(PDF) 3 Page - Eaton All Rights Reserved.

No de pièce CTX50-2-52M-R
Description  Toroid power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CTX50-2-52M-R Fiches technique(HTML) 3 Page - Eaton All Rights Reserved.

  CTX50-2-52M-R Datasheet HTML 1Page - Eaton All Rights Reserved. CTX50-2-52M-R Datasheet HTML 2Page - Eaton All Rights Reserved. CTX50-2-52M-R Datasheet HTML 3Page - Eaton All Rights Reserved. CTX50-2-52M-R Datasheet HTML 4Page - Eaton All Rights Reserved. CTX50-2-52M-R Datasheet HTML 5Page - Eaton All Rights Reserved. CTX50-2-52M-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data 4304
Effective July 2017
www.eaton.com/electronics
LCPI
Toroid power inductors
Dimensions- mm
Vertical and Horizontal Self Leaded Mounting Options
V
Ve
errttiic
ca
all P
P//N
N
H
Ho
orriizzo
on
ntta
all P
P//N
N
O
OD
D
IID
D
H
Htt
X
X
Y
Y
T
T
H
H
S
Se
ee
e F
Fiig
gu
urre
e 1
1
S
Se
ee
e F
Fiig
gu
urre
e 2
2
((m
ma
ax
x))
((tty
yp
p))
((m
ma
ax
x))
((tty
yp
p))
((tty
yp
p))
((tty
yp
p))
((tty
yp
p))
CTX10-1-52-R
CTX10-1-52LP-R
8.6
0.0
4.7
3.8
7.3
0.42
0.67
CTX20-1-52-R
CTX20-1-52LP-R
9.1
0.0
6.7
5.6
7.4
0.37
0.62
CTX50-1-52-R
CTX50-1-52LP-R
16.2
4.2
9.0
7.5
13.7
0.58
0.83
CTX100-1-52-R
CTX100-1-52LP-R
15.5
4.2
12.4
10.7
13.7
0.58
0.83
CTX150-1-52-R
CTX150-1-52LP-R
20.7
6.6
9.4
7.8
18.8
0.52
0.77
CTX250-1-52-R
CTX250-1-52LP-R
20.9
6.0
13.0
11.0
18.8
0.52
0.77
CTX500-1-52-R
CTX500-1-52LP-R
24.0
9.0
15.3
14.0
21.2
0.52
0.77
CTX750-1-52-R
CTX750-1-52LP-R
29.8
11.7
17.4
15.6
28.2
0.52
0.77
CTX1000-1-52-R
CTX1000-1-52LP-R
29.8
11.7
17.1
15.5
28.0
0.46
0.71
CTX10-2-52-R
CTX10-2-52LP-R
12.7
0.0
7.8
6.3
11.0
0.71
0.96
CTX20-2-52-R
CTX20-2-52LP-R
12.5
0.0
7.5
6.3
11.0
0.58
0.83
CTX50-2-52-R
CTX50-2-52LP-R
21.6
6.1
13.6
11.0
19.5
0.89
1.14
CTX100-2-52-R
CTX100-2-52LP-R
24.0
8.8
16.6
13.9
21.8
0.89
1.14
CTX150-2-52-R
CTX150-2-52LP-R
30.6
11.2
11.4
9.3
28.5
0.80
1.05
CTX250-2-52-R
CTX250-2-52LP-R
31.2
9.1
19.0
15.7
28.5
0.89
1.14
CTX500-2-52-R
CTX500-2-52LP-R
36.7
11.7
14.8
12.5
34.5
0.71
0.96
CTX750-2-52-R
CTX750-2-52LP-R
43.3
19.9
18.2
15.8
41.5
0.80
1.05
CTX10-5-52-R
CTX10-5-52LP-R
22.2
5.4
13.9
11.5
19.9
1.11
1.36
CTX20-5-52-R
CTX20-5-52LP-R
24.5
8.8
16.6
14.5
22.0
0.89
1.14
CTX50-5-52-R
CTX50-5-52LP-R
32.3
10.1
18.9
16.5
28.8
1.11
1.36
CTX100-5-52-R
CTX100-5-52LP-R
37.8
11.2
16.8
13.6
35.5
1.24
1.49
CTX150-5-52-R
CTX150-5-52LP-R
46.4
18.8
19.8
16.8
43.4
1.24
1.49
CTX250-5-52-R
CTX250-5-52LP-R
53.7
18.8
24.3
20.1
49.4
1.38
1.63
CTX10-7-52-R
CTX10-7-52LP-R
25.7
6.5
18.0
16.0
22.4
1.38
1.63
CTX20-7-52-R
CTX20-7-52LP-R
32.4
8.5
19.8
16.8
29.2
1.38
1.63
CTX50-7-52-R
CTX50-7-52LP-R
39.0
10.8
16.8
13.9
35.7
1.38
1.63
CTX100-7-52-R
CTX100-7-52LP-R
48.5
17.1
21.8
17.2
43.4
1.73
1.98
CTX150-7-52-R
CTX150-7-52LP-R
54.5
17.1
25.4
21.2
50.9
1.73
1.98
CTX10-10-52-R
CTX10-10-52LP-R
34.0
7.0
21.4
17.0
29.6
1.73
1.98
CTX20-10-52-R
CTX20-10-52LP-R
40.5
9.0
18.0
14.3
35.2
1.73
1.98
CTX50-10-52-R
CTX50-10-52LP-R
47.5
17.1
21.3
17.5
42.8
1.73
1.98
CTX100-10-52-R
CTX100-10-52LP-R
57.0
15.0
27.5
21.3
50.6
2.15
2.45
CTX10-16-52-R
CTX10-16-52LP-R
50.3
13.0
24.0
18.6
43.0
2.41
2.70
CTX20-16-52-R
CTX20-16-52LP-R
59.0
13.0
28.0
23.0
50.7
2.69
2.99
Note: All dimensions are in millimeters.
Ht
Ht
T dia.
T dia.
(ty
(typ
p..))
T dia.
T dia.
10.0 +/- 3
10.0 +/- 3
Ht
Ht
X
X
10.0 +/- 3
10.0 +/- 3
OD
OD
OD
OD
ID
ID
ID
ID
Y
Y
(ty
(typ
p..))
H dia
H dia
(ty
(typ
p..))
H dia.
H dia.
VERTICAL
SELF LEADED
MOUNT
HORIZONTAL
SELF LEADED
MOUNT
Drawings are not to scale.
FIGURE 1
FIGURE 2



Html Pages

1 2 3 4 5 6