| Moteur de recherche de fiches techniques de composants électroniques |
|
M50FLW080BK5TG Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FLW080BK5TG Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 64 page ![]() M50FLW080A, M50FLW080B Revision history 63/64 12 Revision history Table 36. Document revision history Date Version Changes 02-Feb-2004 0.1 First Issue 21-Apr-2004 0.2 TSOP32 package added 24-May-2004 1.0 First public release 18-Aug-2004 2.0 Pins 2 and 5 of the TSOP32 Connections illustration corrected 21-Jun-2005 3.0 Datasheet status changed to Full Datasheet. 26-Oct-2006 4 Document converted to new ST template. Packages are ECOPACK® compliant. TLEAD removed from Table 19: Absolute maximum ratings. Blank option removed below Plating Technology in Table 33: Ordering information scheme. TSOP40 (N) package is Not Recommended for New Design. TSOP32 (NB) package only available in A type array matrix devices. TSOP40 package specifications updated (see Table 32 and Figure 20). |