| Moteur de recherche de fiches techniques de composants électroniques |
|
DR74-8R2-R Fiches technique(PDF) 7 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
DR74-8R2-R Fiches technique(HTML) 7 Page - Eaton All Rights Reserved. |
|
7 / 9 page ![]() Technical Data 4315 Effective September 2017 DR High power density, high efficiency, shielded drum core power inductors 7 www.eaton.com/electronics A A SECTION A-A Ko Bo 2.00 ±0.1 4.00 Ø1.50 +0.1/-0.0 Ao ±0.3 7.50±0.1 1.75±0.10 Ø1.50 Min. 12.00 User direction of feed 1 2 Packaging information - mm DR73 Supplied in tape and reel packaging, 1350 parts per reel, 13" diameter reel. ACTUAL SIZE DR73 Ao=7.90mm Bo=7.90mm Ko=3.80mm A A SECTION A-A Ko Bo 2.00 ±0.1 4.00 Ø1.50 +0.1/-0.0 Ao ±0.3 7.50±0.1 1.75±0.10 Ø1.50 Min. 12.00 User direction of feed 1 2 DR74 Supplied in tape and reel packaging, 1100 parts per reel, 13" diameter reel. ACTUAL SIZE DR74 Ao=7.90mm Bo=7.90mm Ko=4.70mm 1 2 A A SECTION A-A K0 +0.1/-0.0 1 min 4.0 2.0 16.00 1.7 11.5 +/-0.3 User direction of feed B0 A0 DR125 Supplied in tape and reel packaging, 600 parts per reel,13" diameter reel ACTUAL SIZE DR125 Ao=13.0mm Bo=13.0mm Ko=6.30mm 1 2 A A SECTION A-A K0 +0.1/-0.0 min 4.0 2.0 20.00 1.7 11.5 +/-0.3 User direction of feed B0 A0 DR127 Supplied in tape and reel packaging, 350 parts per reel, 13" diameter reel. ACTUAL SIZE DR127 Ao=13.0mm Bo=13.0mm Ko=8.30mm |