Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M50FLW080AN5TP Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce M50FLW080AN5TP
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080AN5TP Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button M50FLW080AN5TP Datasheet HTML 56Page - STMicroelectronics M50FLW080AN5TP Datasheet HTML 57Page - STMicroelectronics M50FLW080AN5TP Datasheet HTML 58Page - STMicroelectronics M50FLW080AN5TP Datasheet HTML 59Page - STMicroelectronics M50FLW080AN5TP Datasheet HTML 60Page - STMicroelectronics M50FLW080AN5TP Datasheet HTML 61Page - STMicroelectronics M50FLW080AN5TP Datasheet HTML 62Page - STMicroelectronics M50FLW080AN5TP Datasheet HTML 63Page - STMicroelectronics M50FLW080AN5TP Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
M50FLW080A, M50FLW080B
Revision history
63/64
12
Revision history
Table 36.
Document revision history
Date
Version
Changes
02-Feb-2004
0.1
First Issue
21-Apr-2004
0.2
TSOP32 package added
24-May-2004
1.0
First public release
18-Aug-2004
2.0
Pins 2 and 5 of the TSOP32 Connections illustration corrected
21-Jun-2005
3.0
Datasheet status changed to Full Datasheet.
26-Oct-2006
4
Document converted to new ST template.
Packages are ECOPACK® compliant. TLEAD removed from Table 19:
Absolute maximum ratings. Blank option removed below Plating
Technology in Table 33: Ordering information scheme.
TSOP40 (N) package is Not Recommended for New Design. TSOP32
(NB) package only available in A type array matrix devices. TSOP40
package specifications updated (see Table 32 and Figure 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64