Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXGP20N100 Fiches technique(PDF) 2 Page - IXYS Corporation

No de pièce IXGP20N100
Description  IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP20N100 Fiches technique(HTML) 2 Page - IXYS Corporation

  IXGP20N100 Datasheet HTML 1Page - IXYS Corporation IXGP20N100 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
TO-263 AA Outline
1. Gate
2. Collector
3. Emitter
4. Collector
BottomSide
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
Pins: 1 - Gate
2 - Collector
3 - Emitter
4 - Collector
Bottom Side
TO-220 AB Dimensions
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C
= I
C90; VCE = 10 V,
12
16
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
1750
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
100
pF
C
res
38
pF
I
C(ON)
V
GE = 10V, VCE = 10V
90
A
Q
g
73
nC
Q
ge
I
C
= I
C90, VGE = 15 V, VCE = 0.5 VCES
13
nC
Q
gc
26
nC
t
d(on)
30
ns
t
ri
30
ns
t
d(off)
350
700
ns
t
fi
280
700
ns
E
off
3.5
8.0
mJ
t
d(on)
30
ns
t
ri
30
ns
E
on
0.65
mJ
t
d(off)
700
ns
t
fi
520
ns
E
off
6.5
mJ
R
thJC
0.83
K/W
R
thCK
TO-220
0.5
K/W
Inductive load, T
J = 25°
°°°°C
I
C
= I
C90, VGE = 15 V
V
CE = 800 V, RG = Roff = 47 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 VCES,
higher T
J or increased RG
Inductive load, T
J = 125°
°°°°C
I
C
= I
C90, VGE = 15 V
V
CE = 800 V, RG = Roff = 47 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 VCES,
higher T
J or increased RG
IXGA 20N100
IXGP 20N100
Min. Recommended Footprint
(Dimensions in inches and mm)



Html Pages

1 2