Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

INMP621 Fiches technique(PDF) 15 Page - TDK Electronics

No de pièce INMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

INMP621 Fiches technique(HTML) 15 Page - TDK Electronics

Back Button INMP621 Datasheet HTML 11Page - TDK Electronics INMP621 Datasheet HTML 12Page - TDK Electronics INMP621 Datasheet HTML 13Page - TDK Electronics INMP621 Datasheet HTML 14Page - TDK Electronics INMP621 Datasheet HTML 15Page - TDK Electronics INMP621 Datasheet HTML 16Page - TDK Electronics INMP621 Datasheet HTML 17Page - TDK Electronics INMP621 Datasheet HTML 18Page - TDK Electronics INMP621 Datasheet HTML 19Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
INMP621
SUPPORTING DOCUMENTS
For additional information, see the following documents.
EVALUATION BOARD USER GUIDE
UG-326 PDM Digital Output MEMS Microphone Evaluation Board
APPLICATION NOTE (PRODUCT SPECIFIC)
AN-0078 High Performance Digital MEMS Microphone Simple Interface to a SigmaDSP Audio Codec
APPLICATION NOTES (GENERAL)
AN-1003 Recommendations for Mounting and Connecting the Invensense, Bottom-Ported MEMS Microphones
AN-1068 Reflow Soldering of the MEMS Microphone
AN-1112 Microphone Specifications Explained
AN-1124 Recommendations for Sealing Invensense, Bottom-Port MEMS Microphones from Dust and Liquid Ingress
AN-1140 Microphone Array Beamforming
Page 15 of 20
Document Number: DS-INMP621-00
Revision: 1.0
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20