| Moteur de recherche de fiches techniques de composants électroniques |
|
HPZB01P-IPEX Fiches technique(PDF) 5 Page - HOPE Microelectronics CO., Ltd. |
|
|
|||||||||||||||||||||||||||||
HPZB01P-IPEX Fiches technique(HTML) 5 Page - HOPE Microelectronics CO., Ltd. |
|
5 / 14 page ![]() HPZB01 /HPZB01P V1.0 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com Pin# Signal HPZB01 Signal HPZB01P Direction Description PB7 PB7 I/O High current Digital I/O ADC2 ADC2 Analog ADC Input 2 IRQC1 IRQC1 I Default external interrupt source C TIM1C2 TIM1C2 O Timer 1 channel 2 output 29 TIM1C2 TIM1C2 I Timer 1 channel 2 input PB6 PB6 I/O High current Digital I/O ADC1 ADC1 Analog ADC Input 1 IRQB IRQB I External interrupt source B TIM1C1 TIM1C1 O Timer 1 channel 1 output 30 TIM1C1 TIM1C1 I Timer 1 channel 1 input PB5 PB5 I/O Digital I/O ADC0 ADC0 Analog ADC Input 0 TIM2CLK TIM2CLK I Timer 2 external clock input 31 TIM1MSK TIM1MSK I Timer 1 external clock mask input PB0 ‐ I/O Digital I/O VREF ‐ Analog O ADC reference output VREF ‐ Analog I ADC reference input IRQA ‐ I External interrupt source A TRACECLK ‐ O Synchronous CPU trace clock TIM1CLK ‐ I Timer 1 external clock input TIM2MSK ‐ I Timer 2 external clock mask input 32 ‐ NC ‐ Do not connect 33 GND GND Ground Connect to ground 34 ANT ANT I/O Unbalanced RF input/output , Connect to external antenna for HPZB01‐UO and HPZB01P‐UO |