Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF64W Fiches technique(PDF) 73 Page - HOPE Microelectronics CO., Ltd.

No de pièce RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOPE [HOPE Microelectronics CO., Ltd.]
Site Internet  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Fiches technique(HTML) 73 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 68Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 69Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 70Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 71Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 72Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 73Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 74Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 75Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 73 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.5. Reference Design
It is recommended that this reference design (i.e. schematics, placement, layout, BOM,) is replicated in the final
application board to guarantee optimum performance.
7.5.1. Application Schematic
Figure 56: Reference Design Circuit Schematic
The reference design area is represented by the dashed rectangle. C12 is a DC blocking capacitor which protects
the SAW filter. It has been added for debug purposes could be removed for a direct antenna connection if there is
no DC bias is expected at the antenna port. Please note that C10 and C11 are not used.
7.5.2. PCB Layout
As illustrated in figures below, the layout has the following characteristics:
 very compact (9x19mm) => can be easily inserted even on very small PCBs
 standard PCB technology (2 layers, 1.6mm, std via & clearance) => low cost
 Its performance is quasi-insensitive to dielectric thickness => minimal design effort to transfer to other PCB
technologies (thickness, # of layers, etc...)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76