Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W83310G-R2 Fiches technique(PDF) 13 Page - Nuvoton Technology Corporation

No de pièce W83310G-R2
Description  Bus Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83310G-R2 Fiches technique(HTML) 13 Page - Nuvoton Technology Corporation

Back Button W83310G-R2 Datasheet HTML 7Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 8Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 9Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 10Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 11Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 12Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 13Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 14Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 15Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
W83310G-R2
Publication Date: Nov., 2008
-10-
Revision 1.10
11. PACKAGE DIMENSION
L
O
c
D
A1
A
e
b
SEATING PLANE
Y
0.25
GAUGE PLANE
E
H
E
1
8
5
4
4.00
0.25
0.51
0.25
E
c
b
A1
3.80
0.19
0.33
0.10
0.157
0.010
0.020
0.010
0.150
0.008
0.013
0.004
MAX.
DIMENSION IN MM
1.75
A
SYMBOL
MIN.
1.35
DIMENSION IN INCH
0.069
MIN.
0.053
MAX.
Control demensions are in milmeters .
1.27
0.10
6.20
L
θ
Y
H
010
0.40
5.80
e
1.27 BSC
0.050
0.004
0.244
0
0.016
0.228
10
0.050 BSC
E
D
4.80
5.00
0.188
0.196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15