Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMP183 Fiches technique(PDF) 22 Page - Bosch Sensortec GmbH

No de pièce BMP183
Description  Digital pressure sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSCH [Bosch Sensortec GmbH]
Site Internet  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP183 Fiches technique(HTML) 22 Page - Bosch Sensortec GmbH

Back Button BMP183 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP183 Datasheet HTML 26Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data sheet
BMP183
Page 22
BST-BMP183-DS000-00 | Revision 1.0 | June 2012
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5.4 Read A/D conversion result or NVM data
To read out the temperature data word UT (16 bit), the pressure data word UP (16 to 19 bit) and
the NVM data proceed as follows:
After lowering CSB, the master send the read command with the register start address.
NVM data registers:
0xAA (to read 0xAA – 0xBF)
ADC results UT or UP: 0xF6 (to read 0xF6 – 0xF7, optionally 0xF8)
After writing the read command + register address, the master sends further clock cycles in order to
allow for the BMP183 to output the data to the SDO pin.
For ultra high resolution, the XLSB register with address 0xF8 can be read to extend the 16 bit word
to up to 19 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28