| Moteur de recherche de fiches techniques de composants électroniques |
|
STTH1002C Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH1002C Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 8 page ![]() STTH1002C 3/8 I (A) M 0 10 20 30 40 50 60 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 T δ=tp/T tp IM P = 10W P = 5W P = 2W δ Fig. 1: Peak current versus duty cycle (per diode). 0 10 20 30 40 50 60 70 80 90 100 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00 V (V) FM I (A) FM T =25°C j T =150°C j Fig. 2-1: Forward voltage drop versus forward current (typical values, per diode). Z/R th(j-c) th(j-c) 0.1 1.0 1.E-03 1.E-02 1.E-01 1.E+00 Single pulse t(s) p Fig. 3-1: Relative variation of thermal impedance junction to case versus pulse duration (TO-220AB, I 2PAK, D2PAK, DPAK). 10 100 0 50 100 150 200 C(pF) V (V) R F=1MHz V =30mV T =25°C OSC RMS j Fig. 4: Junction capacitance versus reverse voltage applied (typical values, per diode). I (A) FM 0 10 20 30 40 50 60 70 80 90 100 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00 T =150°C j T =25°C j V (V) FM Fig. 2-2: Forward voltage drop versus forward current (maximum values, per diode). Z/R th(j-c) th(j-c) 0.1 1.0 1.E-03 1.E-02 1.E-01 1.E+00 Single pulse t(s) p Fig. 3-2: Relative variation of thermal impedance junction to case versus pulse duration (TO-220FPAB). |