Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC885CZP133 Fiches technique(PDF) 82 Page - Freescale Semiconductor, Inc

No de pièce MPC885CZP133
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885CZP133 Fiches technique(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC885CZP133 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
82
Freescale Semiconductor
Mechanical Data and Ordering Information
PB27
I2CSDA
BRGO1
U19
Bidirectional
(Optional: open-drain)
PB26
I2CSCL
BRGO2
R17
Bidirectional
(Optional: open-drain)
PB25
RXADDR31
TXADDR3
SMTXD1
V17
Bidirectional
(Optional: open-drain)
PB24
TXADDR31
RXADDR3
SMRXD1
U16
Bidirectional
(Optional: open-drain)
PB23
TXADDR21
RXADDR2
SDACK1
SMSYN1
W16
Bidirectional
(Optional: open-drain)
PB22
TXADDR41
RXADDR4
SDACK2
SMSYN2
V15
Bidirectional
(Optional: open-drain)
PB21
SMTXD2
TXADDR1 1
BRG01
RXADDR1
PHSEL[1]
U14
Bidirectional
(Optional: open-drain)
PB20
SMRXD2
L1CLKOA
TXADDR01
RXADDR0
PHSEL[0]
T13
Bidirectional
(Optional: open-drain)
PB19
MII1-RXD3
RTS4
V13
Bidirectional
(Optional: open-drain)
PB18
RXADDR41
TXADDR4
RTS2
L1ST2
T12
Bidirectional
(Optional: open-drain)
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92