| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC880ZP133 Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC880ZP133 Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 92 page ![]() © Freescale Semiconductor, Inc., 2004. All rights reserved. Freescale Semiconductor This hardware specification contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC885/MPC880 (refer to Table 1 for the list of devices). The MPC885 is the superset device of the MPC885/MPC880 family. The CPU on the MPC885/MPC880 is a 32-bit PowerPC™ core that incorporates memory management units (MMUs) and instruction and data caches and that implements the PowerPC instruction set. 1Overview The MPC885/880 is a versatile single-chip integrated microprocessor and peripheral combination that can be used in a variety of controller applications and communications and networking systems. The MPC885/MPC880 provides enhanced ATM functionality, an additional fast Ethernet controller, a USB, and an encryption block. Contents 1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 3. Maximum Tolerated Ratings . . . . . . . . . . . . . . . . . . . 9 4. Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . 10 5. Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 6. DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 11 7. Thermal Calculation and Measurement . . . . . . . . . . 12 8. Power Supply and Power Sequencing . . . . . . . . . . . 14 9. Layout Practices . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 10. Bus Signal Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 15 11. IEEE 1149.1 Electrical Specifications . . . . . . . . . . . 44 12. CPM Electrical Characteristics . . . . . . . . . . . . . . . . . 46 13. UTOPIA AC Electrical Specifications . . . . . . . . . . . 69 15. FEC Electrical Characteristics . . . . . . . . . . . . . . . . . 71 16. Mechanical Data and Ordering Information . . . . . . . 75 17. Document Revision History . . . . . . . . . . . . . . . . . . . 89 MPC885/MPC880 Hardware Specifications MPC885EC Rev. 3, 07/2004 |
Numéro de pièce similaire - MPC880ZP133 |
|
Description similaire - MPC880ZP133 |