Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC7445 Fiches technique(PDF) 36 Page - Freescale Semiconductor, Inc

No de pièce MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Fiches technique(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
36
Freescale Semiconductor
Pinout Listings
GBL
E2
Low
I/O
BVSEL
GND
B5, C3, D6, D13, E17, F3, G17, H4, H7,
H9, H11, H13, J6, J8, J10, J12, K7, K3,
K9, K11, K13, L6, L8, L10, L12, M4, M7,
M9, M11, M13, N7, P3, P9, P12, R5, R14,
R17, T7, T10, U3, U13, U17, V5, V8, V11,
V15
——
N/A
HIT
B2
Low
Output
BVSEL
4
HRESET
D8
Low
Input
BVSEL
INT
D4
Low
Input
BVSEL
L1_TSTCLK
G8
High
Input
BVSEL
9
L2_TSTCLK
B3
High
Input
BVSEL
12
No Connect
A6, A13, A14, A15, A16, A17, A18, A19,
B13, B14, B15, B16, B17, B18, B19, C13,
C14, C15, C16, C17, C18, C19, D14, D15,
D16, D17, D18, D19, E12, E13, E14, E15,
E16, E19, F12, F13, F14, F15, F16, F17,
F18, F19, G11, G12, G13, G14, G15,
G16, G19, H14, H15, H16, H17, H18,
H19, J14, J15, J16, J17, J18, J19, K15,
K16, K17, K18, K19, L14, L15, L16, L17,
L18, L19, M14, M15, M16, M17, M18,
M19, N12, N13, N14, N15, N16, N17,
N18, N19, P15, P16, P18, P19
——
—
3
LSSD_MODE
E8
Low
Input
BVSEL
2, 7
MCP
C9
Low
Input
BVSEL
OVDD
B4, C2, C12, D5, E18, F2, G18, H3, J5,
K2, L5, M3, N6, P2, P8, P11, R4, R13,
R16, T6, T9, U2, U12, U16, V4, V7, V10,
V14
——
N/A
PLL_CFG[0:4]
B8, C8, C7, D7, A7
High
Input
BVSEL
PMON_IN
D9
Low
Input
BVSEL
10
PMON_OUT
A9
Low
Output
BVSEL
QACK
G5
Low
Input
BVSEL
QREQ
P4
Low
Output
BVSEL
SHD[0:1]
E4, H5
Low
I/O
BVSEL
8
SMI
F9
Low
Input
BVSEL
SRESET
A2
Low
Input
BVSEL
SYSCLK
A10
—
Input
BVSEL
TA
K6
Low
Input
BVSEL
Table 15. Pinout Listing for the MPC7445, 360 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64