Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC885ZP66 Fiches technique(PDF) 26 Page - Freescale Semiconductor, Inc

No de pièce MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Fiches technique(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
26
Freescale Semiconductor
Bus Signal Timing
Figure 9 provides the timing for the synchronous input signals.
Figure 9. Synchronous Input Signals Timing
Figure 10 provides normal case timing for input data. It also applies to normal read accesses under the control of the
user-programmable machine (UPM) in the memory controller.
Figure 10. Input Data Timing in Normal Case
CLKOUT
TA, BI
TEA, KR,
RETRY, CR
BB, BG, BR
B16
B17
B16
B17
B16
B17
CLKOUT
TA
D[0:31]
B16
B17
B19
B18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92