Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM80C85AHJS Fiches technique(PDF) 26 Page - OKI electronic componets

No de pièce MSM80C85AHJS
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85AHJS Fiches technique(HTML) 26 Page - OKI electronic componets

Back Button MSM80C85AHJS Datasheet HTML 21Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 22Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 23Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 24Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 25Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 26Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 27Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 28Page - OKI electronic componets MSM80C85AHJS Datasheet HTML 29Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
26/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
4) Other notes
1) As the MSM80C85AH employs the 2 m process, its noise characteristics may be a little different from
those of the MSM80C85A. When devices are replaced for upgrading, it is recommended to perform
noise evaluation. Especially, HLDA, RESOUT, and CLKOUT pins must be evaluated.
2) The MSM80C85AH basically satisfies the characteristics of the MSM80C85A-2 and the MSM80C85A,
but their timings are a little different, Therefore, when critical timing is required in designing, it is
recommended to evaluate operating margins at various temperatures and voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29