Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F636E/PQTP Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce PIC16F636E/PQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636E/PQTP Fiches technique(HTML) 4 Page - Microchip Technology

  PIC16F636E/PQTP Datasheet HTML 1Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 2Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 3Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 4Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 5Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 6Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 7Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 8Page - Microchip Technology PIC16F636E/PQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 2
Preliminary
© 2005 Microchip Technology Inc.
Pin Diagrams
Device
Program Memory
Data Memory
I/O
Comparators
Low Frequency
Analog
Front-End
Flash (words)
SRAM (bytes)
EEPROM (bytes)
PIC12F635
1024
64
128
6
1
N
PIC16F636
2048
128
256
12
2
N
PIC16F639
2048
128
256
12
2
Y
8-Pin PDIP, SOIC, DFN-S
1
2
3
4
5
6
7
14
13
12
9
11
10
8
14-Pin PDIP, SOIC, TSSOP
VSS
VDD
GP5/T1CKI/OSC1/CLKIN
GP4/T1G/OSC2/CLKOUT
GP3/MCLR/VPP
GP0/C1IN+/ICSPDAT/ULPWU
GP1/C1IN-/ICSPCLK
GP2/T0CKI/INT/C1OUT
VDD
VSS
RA5/T1CKI/OSC1/CLKIN
RA4/T1G/OSC2/CLKOUT
RA3/MCLR/VPP
RA0/C1IN+/ICSPDAT/ULPWU
RA1/C1IN-/VREF/ICSPCLK
RA2/T0CKI/INT/C1OUT
RC5
RC4/C2OUT
RC3
RC0/C2IN+
RC1/C2IN-
RC2
1
2
3
4
5
6
7
8
20-Pin SSOP
VDD
RA5/T1CKI/OSC1/CLKIN
RA4/T1G/OSC2/CLKOUT
RA3/MCLR/VPP
RC5
RC4/C2OUT
RC3/LFDATA/RSSI/CCLK/SDIO
VDDT(3)
LCZ
LCY
VSS
RA0/C1IN+/ICSPDAT/ULPWU
RA1/C1IN-/VREF/ICSPCLK
RA2/TOCKI/INT/C1OUT
RC0/C2IN+
RC1/C2IN-/CS
RC2/SCLK/ALERT
VSST(4)
LCCOM
LCX
1
2
3
4
20
19
18
17
5
6
7
16
15
14
8
9
10
13
12
11
Note 1: Any references to PORTA, RAn, TRISA and TRISAn refer to GPIO, GPn, TRISIO and TRISIOn, respectively.
2: Additional information on I/O ports may be found in the “PICmicro® Mid-Range MCU Family Reference
Manual” (DS33023).
3: VDDT is the supply voltage of the Analog Front-End section (PIC16F639 only). VDDT is treated as VDD in
this document unless otherwise stated.
4: VSST is the ground reference voltage of the Analog Front-End section (PIC16F639 only). VSST is treated
as VSS in this document unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More