| Moteur de recherche de fiches techniques de composants électroniques |
|
MSM80C85AHGS Fiches technique(PDF) 9 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM80C85AHGS Fiches technique(HTML) 9 Page - OKI electronic componets |
|
9 / 29 page ![]() 9/29 ¡ Semiconductor MSM80C85AHRS/GS/JS BASIC SYSTEM TIMING The MSM80C85AH has a multiplexed Data Bus. ALE is used as a strobe to sample the lower 8-bits of address on the Data Bus. Figure 5 shows an instruction fetch, memory read and I/O write cycle (as would occur during processing of the OUT instruction). Note that during the I/ O write and read cycle that the I/O port address is copied on both the upper and lower half of the address. There are seven possible types of machine cycles. Which of these seven takes place is defined by the status of the three status lines (IO/M, S1, S0) and the three control signals (RD, WR,and INTA). (See Table 2.) The status line can be used as advanced controls (for device selection, for example), since they become active at the T1 state, at the outset of each machine cycle. Control lines RD and WR become active later, at the time when the transfer of data is to take place, so are used as command lines. A machine cycle normally consists of three T states, with the exception of OPCODE FETCH, which normally has either four or six T states (unless WAIT or HOLD states are forced by the receipt of READY or HOLD inputs). Any T state must be one of ten possible states, shown in Table 3. Memory Read O O Memory Write I/O Read 1 1 I/O Write (MR) Opcode Fetch 0 (OF) (MW) (IOR) Acknowledge of INTR 1 (INA) (IOW) Bus Idle 0 1 TS 1 0 1 0 1 1 1 1 0 O 1 O 1 1 1 0 1 0 O 1 O 1 0 1 1 1 TS 1 0 1 0 1 1 1 1 TS 1 1 1 1 1 IO/ M S1 S0 RD WR INTA Machine Cycle Status Control 0 1 1 1 (BI): DAD ACK. OF RST, TRAP HALT Table 2 MSM80C85AH Machine Cycle Chart |