| Moteur de recherche de fiches techniques de composants électroniques |
|
DFG8540 Fiches technique(PDF) 1 Page - DISCO Corporation |
|
|
|||||||||||||||||||||||||||||
DFG8540 Fiches technique(HTML) 1 Page - DISCO Corporation |
|
1 / 2 page ![]() DFG8540/8560 Fully Automatic In-Feed Surface Grinder Advanced thinning power for large wafers Grinder of choice The DFG8540/8560 improves upon the functionality and performance that made the DISCO 800 series the grinder of choice at facilities around the world. Thin grinding (<100 µm) Advanced handling systems and design features facilitate high yield for thin wafer grinding. Design flexibility The DFG8540/8560 can be integrated with DISCO's Dicing Before Grinding (DBG) system as well as polishers (DFP8140/8160) for in-line processing solutions. Improved grinding quality Through innovations in equipment design, both spindles now grind wafers at the same relative position. This improves single wafer thickness variation as well as wafer to wafer thickness variation. Backward-compatibility Supports the same proven technology of DISCO’s 800-series grinding wheels, spindles, chuck tables and dresser boards. Handy panel LCD touch screen DFG8560 Easy operation The DFG8540/8560 utilizes an LCD touch screen graphical user interface, making operation and maintenance intuitive and easy. |
Numéro de pièce similaire - DFG8540 |
|
Description similaire - DFG8540 |