| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F636E/MF Fiches technique(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F636E/MF Fiches technique(HTML) 48 Page - Microchip Technology |
|
48 / 196 page ![]() PIC12F635/PIC16F636/639 DS41232B-page 46 Preliminary © 2005 Microchip Technology Inc. 4.2.4.4 RA3/MCLR/VPP Figure 4-4 shows the diagram for this pin. The RA3 pin is configurable to function as one of the following: • a general purpose input • as Master Clear Reset with weak pull-up • a high-voltage detect for Program mode entry FIGURE 4-4: BLOCK DIAGRAM OF RA3 Input VSS D Q CK Q D EN Q Data Bus RD PORTA RD PORTA WR IOCA RD IOCA Reset MCLRE RD TRISA VSS D EN Q MCLRE VDD Weak MCLRE Interrupt-on- change pin HV Detect Program Mode Q3 WURE Sleep |