Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VBO13-14AO2 Fiches technique(PDF) 2 Page - IXYS Corporation

No de pièce VBO13-14AO2
Description  Single Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO13-14AO2 Fiches technique(HTML) 2 Page - IXYS Corporation

  VBO13-14AO2 Datasheet HTML 1Page - IXYS Corporation VBO13-14AO2 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2004 IXYS All rights reserved
2 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
VBO 13
Fig. 1 Surge overload current per diode
I
FSM: Crest value, t: duration
Fig. 3 Max. forward current at case
temperature
Fig. 2 I2t versus time (1-10 ms)
per diode
Fig. 4 Power dissipation versus direct output current and ambient temperature
Fig. 5 Transient thermal impedance junction to heatsink per diode
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.059
0.00217
2
2.714
0.159
3
3.227
2.34



Html Pages

1 2