Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIMS Fiches technique(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

No de pièce TIMS
Description  Continually Improving Analysis Versatility and Expanding Analysis Scope
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Site Internet  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

TIMS Fiches technique(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  TIMS Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD TIMS Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Each program can be easily linked to an icon
Appropriate windows are provided for each piece of hard-
ware, and hardware can be selected simply by clicking the
applicable icon.
The system is designed and engineered to maximize
performance and efficiency.
High efficiency measur-
ing
A collection of powerful tools
support high efficiency measuring,
including teaching/playback for full
automatic measuring, multitasking
for parallel processing and high-
speed alignment, and much more.
The screen layout can be customized to create a streamlined working
environment that balances function and ease of operation for a variety of
different workpiece conditions and operator skills.
The screen has optimized for the wider screens that will be used in the
future. For contour measuring in particular, functions that support measur-
ing itself are arranged to facilitate easy operation.
Workpiece Trace
A pre-measuring coordinate trace can be performed to check the measur-
ing surface in cases when there is a partition between the start point and
the end point, when ascertaining the measuring limit points while measur-
ing right up to a depression, or when visual inspection is difficult (as with
the inside of a hole). To eliminate measuring error, the measuring range
can be defined on-screen by specifying the start point and end point.
Measuring screen
Analysis screen
Automatic Dimension Line Output Function
Pre-selecting the dimension lines of the
required elements will display the dimen-
sion lines along with the calculation.
After calculation, dimension lines can be
added, moved or deleted as required.
Cursor Profile Discrimination
The operator can superimpose a freely
created cursor range on contour data
for calculation. This means that a
calculation which used to require two
clicks can now be done with a single
drag operation.
Allowable Element Calculation Icon Guidance
This function provides a visual display of elements
that can be calculated when performing a new
calculation using any one of multiple elements for
which calculations have already been completed.
Even when selecting between complex elements,
this function enables intuitive selection in
accordance with the objective of the calculation.
Calculation Result Preview
When auto calculation is turned off, calculation results and
dimension lines appear in the preview screen as soon as
the cursor is superimposed, so that calculation results can
be previewed before they are finalized.
When calculation range expansion is enabled, preview can
be used to check the condition of the calculation range
expansion, which helps to prevent calculation and opera-
tion errors.
Specifications
TiMS Contour Measurement and Analysis Program
AI function
Automatic distinction of elements including points,
straight lines and circles Automatic distinction of the combination executable of calculation between two elements
(point-point, point-straight line, point-circle, point-oval, straight line-straight line,
circle-straight line, circle-circle, straight line-oval, circle-oval, oval-oval)
Arithmetic
processing
Point, line, circle, partial circle, ellipse, max. point/min. point, distance, coordinate difference, polar coordinate difference,
orthogonal/polarcoordinate difference display, intersecting elements (point-line, line-line, circle-line, circle-circle, line-ellipse),
symmetric elements (point-point, point-circle, point-ellipse, line-line, circle-circle, circle-ellipse, ellipse-ellipse), surface calculation,
over-pin calculation, dimension line display function, calculation result/nominal value collation, mirror reversal, profile synthesis function,
macro function, automatic element discrimination, calculation point repeat function, workpiece trace function, peak and valley function,
auto operation log/playback function [profile nominal value collation, best fit, design value generation, IGES/DXF conversion]
Coordinate control
Origin setting, X-axis setting, parallel move, and rotary move
Measure pitch
0.1 μm to 1000 μm
Number of data points
Maximum 150000 points
Magnification display
0.01 to 10000000 times (arbitrary and automatic)
TiMS Integrated
Measuring System Software
Contour Profile Measurement and Analysis Program
67
TOKYO SEIMITSU



Html Pages

1 2