Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F635E/SS Fiches technique(PDF) 141 Page - Microchip Technology

No de pièce PIC12F635E/SS
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635E/SS Fiches technique(HTML) 141 Page - Microchip Technology

Back Button PIC12F635E/SS Datasheet HTML 137Page - Microchip Technology PIC12F635E/SS Datasheet HTML 138Page - Microchip Technology PIC12F635E/SS Datasheet HTML 139Page - Microchip Technology PIC12F635E/SS Datasheet HTML 140Page - Microchip Technology PIC12F635E/SS Datasheet HTML 141Page - Microchip Technology PIC12F635E/SS Datasheet HTML 142Page - Microchip Technology PIC12F635E/SS Datasheet HTML 143Page - Microchip Technology PIC12F635E/SS Datasheet HTML 144Page - Microchip Technology PIC12F635E/SS Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 139
PIC12F635/PIC16F636/639
XORWF
Exclusive OR W with f
Syntax:
[ label ] XORWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .XOR. (f)
→ (destination)
Status Affected:
Z
Description:
Exclusive OR the contents of the
W register with register ‘f’. If ‘d’ is
‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More